Part Number Hot Search : 
BOE100 AT1452BP 31ACD 2375AD LH2108A MB13CA AS19H UP03396
Product Description
Full Text Search
 

To Download 0375200000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | tools | wire end ferrules | wire end ferrules without plastic collar | nominal conductor cross-section 10.0 mm2 - 185.0 mm2 - 1 - general ordering data order no. 0282900000 part designation h10,0/12 version wire-end ferrule, 10 mm2 ean 4008190075972 qty. 500 pc(s). technical data length 12 mm width 5.8 mm height 5.8 mm product data conductor rated cross-section 10 mm2 awg 7 total length (l1) 12 mm contact surface diameter (d1) 4.5 mm metal sleeve thickness (s1) 0.2 mm approvals approvals institutes classifications etim 2.0 ec000005 etim 3.0 ec000005 eclass 4.1 27-06-07-01 eclass 5.0 27-40-02-01 eclass 5.1 27-40-02-01 similar products order no. part designation version 0124800000 h10,0/15 wire-end ferrule, 10 mm2 0379300000 h10,0/18 wire-end ferrule, 10 mm2 0492500000 h16,0/12 wire-end ferrule, 16 mm2 0124300000 h16,0/15 wire-end ferrule, 16 mm2 0375200000 h16,0/18 wire-end ferrule, 16 mm2 9004150000 h16,0/25 wire-end ferrule, 16 mm2 9004160000 h16,0/32 wire-end ferrule, 16 mm2 0124400000 h25,0/15 wire-end ferrule, 25 mm2 0375300000 h25,0/18 wire-end ferrule, 25 mm2
product catalogue | tools | wire end ferrules | wire end ferrules without plastic collar | nominal conductor cross-section 10.0 mm2 - 185.0 mm2 - 2 - 9004170000 h25,0/25 wire-end ferrule, 25 mm2 9004180000 h25,0/32 wire-end ferrule, 25 mm2 0368900000 h35,0/18 wire-end ferrule, 35 mm2 9004190000 h35,0/25 wire-end ferrule, 35 mm2 9451000000 h35,0/30s wire-end ferrule, 35 mm2 9004200000 h35,0/32 wire-end ferrule, 35 mm2 9004210000 h50,0/18 wire-end ferrule, 50 mm2 9025880000 h50,0/25 wire-end ferrule, 50 mm2 9004220000 h50,0/32 wire-end ferrule, 50 mm2 9004230000 h70,0/25 wire-end ferrule, 70 mm2 9004240000 h70,0/32 wire-end ferrule, 70 mm2 9004250000 h95,0/25 wire-end ferrule, 95 mm2 9004260000 h95,0/32 wire-end ferrule, 95 mm2 9036240000 h120,0/32 wire end ferrule, 120 mm2 9036250000 h150,0/32 wire end ferrule, 150 mm2 9036260000 h185,0/32 wire end ferrule, 185 mm2


▲Up To Search▲   

 
Price & Availability of 0375200000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X